| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS8406-DS bảng dữ liệu(PDF) 13 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8406-DS bảng dữ liệu(HTML) 13 Page - Cirrus Logic |
|
13 / 43 page ![]() CS8406 DS580F1 13 3. GENERAL DESCRIPTION The CS8406 is a monolithic CMOS device which encodes and transmits audio data according to the AES3, IEC60958, S/PDIF, and EIAJ CP1201 interface standards. The CS8406 accepts au- dio, channel status and user data, which is then multiplexed, encoded, and driven onto a cable. The audio data is input through a configurable, 3-wire input port. The channel status bits and user bit data are input through an SPI or I²C Mode microcontroller port and may be assembled in sep- arate block sized buffers. For systems with no microcontroller, a stand alone mode allows direct access to channel status and user data input pins. Target applications include CD-R, DAT, DVD, MD and VTR equipment, mixing consoles, digital audio transmission equipment, high quality A/D converters, effects processors, set-top TV box- es, and computer audio systems. Figure 5 shows the supply and external connections to the CS8406 when configured for opera- tion with a microcontroller. Figure 6 shows the supply and external connections to the CS8406 when configured for operation without a microcontroller. 3.1 AES3 and S/PDIF Standards Documents This data sheet assumes that the user is familiar with the AES3 and S/PDIF data formats. It is advisable to have current copies of the AES3 and IEC60958 specifications on hand for easy ref- erence. The latest AES3 standard is available from the Audio Engineering Society or ANSI at www.aes.org or www.ansi.org. Obtain the latest IEC60958 standard from ANSI or from the Inter- national Electrotechnical Commission at www.iec.ch. The latest EIAJ CP-1201 standard is avail- able from the Japanese Electronics Bureau. Application Note 22: Overview of Digital Audio Interface Data Structures contains a useful tutorial on digital audio specifications, but it should not be considered a substitute for the standards. The paper An Understanding and Implementation of the SCMS Serial Copy Management Sys- tem for Digital Audio Transmission, by Clifton Sanchez, is an excellent tutorial on SCMS. It is available from the AES as reprint 3518. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |