công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC7959YD bảng dữ liệu(PDF) 2 Page - Vitesse Semiconductor Corporation

tên linh kiện VSC7959YD
Giải thích chi tiết về linh kiện  3.125Gb/s CML Limiting Amplifier with LOS Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VITESSE [Vitesse Semiconductor Corporation]
Trang chủ  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7959YD bảng dữ liệu(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7959YD Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7959YD Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7959YD Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7959YD Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7959YD Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7959YD Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7959YD Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7959YD Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7959YD Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7959
3.125Gb/s CML Limiting Amplifier with LOS Detect
Page 2
G52358-0, Rev 2.0
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Electrical Characteristics
Table 1: DC Specifications
NOTE: (1) See Figure 5 for supply current measurement setup.
Table 2: DC Specifications
NOTES: (1) Deterministic jitter measured peak-to-peak with K28.5 pattern. (2) Random jitter measured with minimum input.
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VCC
Power Supply Voltage
3.135
5.5
V
ICC
Power Supply Current(1)
31
mA
VCC = 3.3V
35
mA
VCC = 5V
IEE
Power Supply Current(1)
38
mA
VCC = 3.3V
43
m
Α
VCC = 5V
ICCSQ
Power Supply Current when
Squelched(1)
21
mA
VCC = 3.3V
25
mA
VCC = 5V
IEESQ
Power Supply Current when
Squelched(1)
24
mA
VCC = 3.3V
28
mA
VCC = 5V
ISQ
Squelch Input Current
0
400
µA
PSSR
Power Supply Rejection Ratio
20
30
dB
f < 2MHz
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Data Rate
3.125
Gb/s
VIN
Input Voltage Range
10
1200
mV
Peak-to-peak
JD
Deterministic Jitter
25
ps
See Note 1
JR
Random Jitter
8
ps
See Note 2, RMS
tR, tF
Rise and Fall Times
55
100
ps
20% to 80%
VN
Input Referred Noise
230
µV
RMS, IN+ to IN-
RDIFF
Differential Input Resistance
100
Ω
IN+ to IN-
fL
Low Frequency Cutoff
2MHz
CZ open
2kHz
CZ = 0.1µF
VSQ
Output Signal When Squelched
20
mV
Output AC-coupled
VCML
CML Output Voltage
550
1200
mV
Level = open, RL = 50Ω
1100
1800
mV
Level = GND, RL = 75Ω
20
mV
Squelched
ZO
Output Resistance
100
Ω
Single-ended



Html Pages

1 2 3 4 5 6 7 8 9 10