| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VT8231 bảng dữ liệu(PDF) 12 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT8231 bảng dữ liệu(HTML) 12 Page - List of Unclassifed Manufacturers |
|
12 / 132 page ![]() VT8231 Preliminary Revision 0.8 October 29, 1999 -6- Overview 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW CPU / Cache CA PCI MD MA/Command CD North Bridge 376 BGA VT8231 System Memory Sideband Signals: Init / CPUreset IRQ / NMI SMI / StopClk FERR / IGNNE SLP# (Slot-1) USB Ports 0-3 Serial Ports 1 and 2 LPC RTC Crystal Boot ROM Expansion Cards Infrared Comm Port IDE Primary and Secondary Floppy Disk Interface AC97 Link Hardware Monitor Inputs Keyboard / Mouse SMB DIMM Module ID Onboard LPC I/O GPIO, Power Control, Reset MIDI / Game Ports Parallel Port Fast Ethernet Interface Figure 1. PC System Configuration Using the VT8231 |