công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATS667 bảng dữ liệu(PDF) 9 Page - Allegro MicroSystems

tên linh kiện ATS667
Giải thích chi tiết về linh kiện  True Zero-Speed, High Accuracy Gear Tooth Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS667 bảng dữ liệu(HTML) 9 Page - Allegro MicroSystems

Back Button ATS667 Datasheet HTML 5Page - Allegro MicroSystems ATS667 Datasheet HTML 6Page - Allegro MicroSystems ATS667 Datasheet HTML 7Page - Allegro MicroSystems ATS667 Datasheet HTML 8Page - Allegro MicroSystems ATS667 Datasheet HTML 9Page - Allegro MicroSystems ATS667 Datasheet HTML 10Page - Allegro MicroSystems ATS667 Datasheet HTML 11Page - Allegro MicroSystems ATS667 Datasheet HTML 12Page - Allegro MicroSystems ATS667 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS667LSG
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Continuous Update of Switchpoints
Switchpoints are the threshold levels of the differential internal
analog signal, VPROC, at which the device changes output signal
state.The value ofVPROCisdirectlyproportionaltothemagneticflux
density, B, induced by the target and sensed by the Hall elements.
As VPROC rises through a certain limit, referred to as the operate
point, BOP, the output state changes from high to low. As VPROC
falls below BOP to a certain limit, the release point, BRP, the output
state changes from low to high.
As shown in panel C of figure 4, threshold levels for the ATS667
switchpoints are established as a function of the peak input signal
levels. The ATS667 incorporates an algorithm that continuously
monitors the input signal and updates the switching thresholds
accordingly with limited inward movement of VPROC. The
switchpoint for each edge is determined by the detection of the
previous two signal edges. In this manner, variations are tracked
in real time.
(A) TEAG varying; cases such as
eccentric mount, out-of-round region,
normal operation position shift
(B) Internal analog signal, VPROC,
typically resulting in the IC
0
360
Target Rotation (°)
Hysteresis Band
(Delimited by switchpoints)
V+
Larger
TEAG
Smaller
TEAG
IC
Target
Larger
TEAG
Target
IC
Smaller
TEAG
Smaller
TEAG
Pk(#4)
Pk(#5)
Pk(#7)
Pk(#9)
Pk(#2)
Pk(#3)
Pk(#1)
Pk(#6)
Pk(#8)
B
HYS(#4)
B
HYS(#3)
V+
BRP(#1)
BOP(#1)
BRP(#2)
BRP(#3)
BOP(#3)
BRP(#4)
BOP(#4)
BOP(#2)
V
PROC(BOP)
(#1)
V
PROC(BOP)
(#2)
V
PROC(BOP)
(#3)
V
PROC(BOP)
(#4)
V
PROC(BRP)
(#1)
V
PROC(BRP)
(#2)
V
PROC(BRP)
(#3)
V
PROC(BRP)
(#4)
B
HYS(#1)
B
HYS(#2)
BHYS
Switchpoint
Determinant
Peak Values
1
BOP(#1)
Pk(#1), Pk(#2)
BRP(#1)
Pk(#2), Pk(#3)
2
BOP(#2)
Pk(#3), Pk(#4)
BRP(#2)
Pk(#4), Pk(#5)
3
BOP(#3)
Pk(#5), Pk(#6)
BRP(#3)
Pk(#6), Pk(#7)
4
BOP(#4)
Pk(#7), Pk(#8)
BRP(#4)
Pk(#8), Pk(#9)
(C) Referencing the internal analog signal, VPROC, to continuously update device response
Figure 4. The Continuous Update algorithm allows the Allegro IC to interpret and adapt to variances in the magnetic field generated by the
target as a result of eccentric mounting of the target, out-of-round target shape, and similar dynamic application problems that affect the TEAG
(Total Effective Air Gap). Not detailed in the figure are the boundaries for peak capture DAC movement which intentionally limit the amount of
inward signal variation the IC is able to react to over a single transition. The algorithm is used to establish and subsequently update the device
switchpoints (BOP and BRP). The hysteresis, BHYS(#x), at each target feature configuration results from this recalibration, ensuring that it remains
properly proportioned and centered within the peak-to-peak range of the internal analog signal, VPROC.
As shown in panel A, the variance in the target position results in a change in the TEAG. This affects the IC as a varying magnetic field, which
results in proportional changes in the internal analog signal, VPROC, shown in panel B. The Continuous Update algorithm is used to establish
switchpoints based on the fluctuation of VPROC, as shown in panel C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com