| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACS764 bảng dữ liệu(PDF) 13 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ACS764 bảng dữ liệu(HTML) 13 Page - Allegro MicroSystems |
|
13 / 22 page ![]() Fully Integrated, Hall-Effect Based Current Sensor IC with I2C Digital Output and Low-Resistance Current Conductor ACS764 13 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Volatile Register Bits (Address: 0x00) Reserved CURRENT LATCHED_FAULT_STATUS NON-LATCHED_FAULT_STATUS SYNC Volatile Register Bits (Address: 0x02) Reserved AVG_POINTS Volatile Register Bits (Address: 0x04) Volatile Register Bits (Address: 0x06) Reserved Reserved GAIN_RANGE FAULT_LEVEL X X X X 0/1 0/1 0/1 D8 XXXXXXXX D7 D6 D5 D4 D3 D2 D1 D0 XXXXXXXX X X X XXXXX X X X XXXXX XXXXXXXX XXXXX X G1 G0 X X X XXXXX XXXXXXXX XXXX F3 F2 F1 F0 N7 N6 N5 N4 N3 N2 N1 N0 User-Accessible Register Bit Descriptions |