công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSUSB11 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FSUSB11
Giải thích chi tiết về linh kiện  Low Power High Bandwidth USB Switch Dual SPDT Multiplexer/Demultiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB11 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FSUSB11 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB11 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB11 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB11 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB11 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB11 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB11 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics (All typical values are @ 25°C unless otherwise specified)
Note 4: ON Resistance is determined by the voltage drop between D and Dn pins at the indicated current through the switch.
Note 5:
∆R
ON = RONmax − RONmin measured at identical VCC, temperature, and voltage.
Note 6: Flatness is defined as the difference between the maximum and minimum value of ON Resistance over the specified range of conditions.
Supply Voltage (VCC)
−0.5V to +6.0V
Switch Voltage (VS) (Note 2)
−0.5V to V
CC + 0.5V
Input Voltage (VIN) (Note 2)
−0.5V to +6.0V
Input Diode Current
−50 mA
Switch Current
200 mA
Peak Switch Current (Pulsed at
1 ms duration,
<10% Duty Cycle)
400 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Maximum Junction Temperature (TJ)
+150°C
Lead Temperature (TL)
Soldering, 10 seconds
+260°C
ESD
Human Body Model
8000V
Supply Voltage (VCC)
1.65V to 5.5V
Control Input Voltage (VIN) (Note 3)
0V to VCC
Switch Input Voltage (VIN)0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
VCC
TA = +25°CTA= −40°C to +85°C
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
Input Voltage High
2.7 to 3.6
2.0
V
4.5 to 5.5
2.4
VIL
Input Voltage Low
2.7 to 3.6
0.6
V
4.5 to 5.5
0.8
IIN
Control Input Leakage
2.7 to 3.6
−1.0
1.0
µAV
IN = 0V to VCC
4.5 to 5.5
−1.0
1.0
INO(OFF),
OFF-Leakage Current
5.5
-50.0
50.0
−100
100
nA
A
= 1V, 4.5V
INC(OFF)
of Port D1 and D2
B0 or B1 = 1V, 4.5V
IA(ON)
ON Leakage Current
5.5
−50.0
50.0
−100
100
nA
A
= 1V, 4.5V
of Port D
B0 or B1 = 1V, 4.5V or Floating
RON
Switch ON Resistance
2.7
2.6
4.0
4.3
Ω
IOUT = 100 mA, D1 or D2 = 1.5V
(Note 4)
4.5
0.95
1.15
1.3
IOUT = 100 mA, D1 or D2 = 3.5V
∆R
ON
ON Resistance Matching
2.7
Ω
IOUT = 100 mA, D1 or D2 = 1.5V
Between Channels (Note 5)
4.5
0.06
0.12
0.15
IOUT = 100 mA, D1 or D2 = 3.5V
RFLAT(ON) ON Resistance Flatness
2.7
1.4
Ω
IOUT = 100 mA, D1 or D2 = 0V, 0.75V, 1.5V
(Note 6)
4.5
0.2
0.3
0.4
IOUT = 100 mA, B0 or B1 = 0V, 1V, 2V
ICC
Quiescent Supply Current
3.6
0.1
0.5
1.0
µAV
IN = 0V or VCC, IOUT = 0V
5.5
0.1
0.5
1.0



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com