công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACS717 bảng dữ liệu(PDF) 2 Page - Allegro MicroSystems

tên linh kiện ACS717
Giải thích chi tiết về linh kiện  High Isolation, Linear Current Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS717 bảng dữ liệu(HTML) 2 Page - Allegro MicroSystems

  ACS717 Datasheet HTML 1Page - Allegro MicroSystems ACS717 Datasheet HTML 2Page - Allegro MicroSystems ACS717 Datasheet HTML 3Page - Allegro MicroSystems ACS717 Datasheet HTML 4Page - Allegro MicroSystems ACS717 Datasheet HTML 5Page - Allegro MicroSystems ACS717 Datasheet HTML 6Page - Allegro MicroSystems ACS717 Datasheet HTML 7Page - Allegro MicroSystems ACS717 Datasheet HTML 8Page - Allegro MicroSystems ACS717 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
High Isolation Linear Current Sensor IC with
850 µΩ Current Conductor
ACS717
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
7
V
Reverse Supply Voltage
VRCC
–0.1
V
Output Voltage
VIOUT
25
V
Reverse Output Voltage
VRIOUT
–0.1
V
Operating Ambient Temperature
TA
Range K
–40 to 125
°C
Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 165
°C
Selection Guide
Part Number
IP
(A)
Sens(Typ)
at VCC = 3.3 V
(mV/A)
TA
(°C)
Packing1
ACS717KMATR-10B-T2
±10
132
-40 to 125
Tape and reel, 1000 pieces per reel
ACS717KMATR-20B-T2
±20
66
1
Contact Allegro for additional packing options.
2
Variant not intended for automotive applications.
SPECIFICATIONS
Isolation Characteristics
Characteristic
Symbol
Notes
Rating
Unit
Dielectric Strength Test Voltage
VISO
Agency type tested for 60 seconds per IEC/UL 60950-1
(2nd Edition). Production tested for 1 second at 3000 VRMS
in accordance with IEC/UL 60950-1 (2nd Edition).
4800
VRMS
Working Voltage for Basic Isolation
VWVBI
Maximum approved working voltage for basic (single)
isolation according IEC/UL 60950-1 (2nd Edition).
1550
VPK
1097
VRMS or VDC
Working Voltage for Reinforced Isolation
VWVRI
Maximum approved working voltage for reinforced isolation
according to IEC/UL 60950-1 (2nd Edition)
800
VPK
565
VRMS or VDC
Clearance
Dcl
Minimum distance through air from IP leads to signal leads.
7.5
mm
Creepage*
Dcr
Minimum distance along package body from IP leads to
signal leads.
8.2
mm
*In order to maintain this creepage in applications, the user should add a slit in the PCB under the package. Otherwise, the pads on the PCB will reduce the creepage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com