| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD54HC533 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD54HC533 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 14 page ![]() 2 Pinouts CD54HC533, CD54HCT533 (CERDIP) CD74HC533, CD74HCT533 (PDIP) TOP VIEW CD54HC563 (CERDIP) CD74HC563, CD74HCT563 (PDIP, SOIC) TOP VIEW Functional Block Diagram HC/HCT533 11 12 13 14 15 16 17 18 20 19 10 9 8 7 6 5 4 3 2 1 OE Q0 D0 D1 Q1 Q2 D3 D2 Q3 GND VCC D7 D6 Q6 Q7 Q5 D5 D4 Q4 LE 11 12 13 14 15 16 17 18 20 19 10 9 8 7 6 5 4 3 2 1 OE D0 D1 D2 D3 D4 D6 D5 D7 GND VCC Q1 Q2 Q3 Q0 Q4 Q5 Q6 Q7 LE O0 D0 LE OE O1 D1 O2 D2 O3 D3 O4 D4 O5 D5 O6 D6 O7 D7 D G O D G O D G O D G O D G O D G O D G O D G O TRUTH TABLE OUTPUT ENABLE LATCH ENABLE DATA Q OUTPUT LH HL LHLH LL l H LLhL HX X Z H = High Voltage Level, L = Low Voltage Level, X = Don’t Care, Z = High Impedance State, l = Low voltage level one set-up time prior to the high to low latch enable transition, h = High voltage level one set-up time prior to the high to low latch enable transition. CD54/74HC533, CD54/74HCT533, CD54/74HC563, CD74HCT563 |