| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPA341UA/2K5 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA341UA/2K5 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 16 page ![]() OPA341, 2341 2 SBOS202A PACKAGE SPECIFIED DRAWING PACKAGE TEMPERATURE PACKAGE ORDERING TRANSPORT PRODUCT PACKAGE NUMBER DESIGNATOR RANGE MARKING NUMBER(1) MEDIA OPA341NA SOT23-6 332 —–55 °C to +125°C B41 OPA341NA/250 Tape and Reel "" " — "" OPA341NA/3K Tape and Reel OPA341UA SO-8 182 —–55 °C to +125°C OPA341UA OPA341UA Rails "" " — "" OPA341UA/2K5 Tape and Reel OPA2341DGSA MSOP-10 4073272 DGS –55 °C to +125°C C41 OPA2341DGSA/250 Tape and Reel "" " " " " OPA2341DGSA/2K5 Tape and Reel NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /3K indicates 3000 devices per reel). Ordering 3000 pieces of “OPA341NA/3K” will get a single 3000-piece Tape and Reel.. Supply Voltage, V+ to V– ................................................................... 6.0V Input Voltage Range(2) ................................... (V–) – 0.5V to (V+) + 0.5V Input Terminal(3) ............................................................................... 10mA Output Short Circuit(3) .............................................................. Continuous Operating Temperature .................................................. –55 °C to +150°C Storage Temperature ..................................................... –65 °C to +150°C Junction Temperature ...................................................................... 150 °C Lead Temperature (soldering, 10s) ................................................. 300 °C ABSOLUTE MAXIMUM RATINGS(1) ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Texas Instru- ments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE/ORDERING INFORMATION NOTES: (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may de- grade device reliability. (2) Input terminals are diode-clamped to the power supply rails. Input signals that can swing more than 0.5V beyond the supply rails should be current-limited to 10mA or less. (3) Short-circuit to ground, one amplifier per package. |