| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPS2012 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPS2012 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 21 page ![]() TPS2010, TPS2011, TPS2012, TPS2013 POWER-DISTRIBUTION SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 detailed description (continued) driver The driver controls the gate voltage of the power switch. To limit large current surges and reduce the associated electromagnetic interference (EMI) produced, the driver incorporates circuitry that controls the rise times and fall times of the output voltage. The rise and fall times are typically in the 2-ms to 4-ms range instead of the microsecond or nanosecond range for a standard FET. enable (EN) A logic high on the EN input turns off the power switch and the bias for the charge pump, driver, and other circuitry to reduce the supply current to less than 10 µA. A logic zero input restores bias to the drive and control circuits and turns the power on. The enable input is compatible with both TTL and CMOS logic levels. current sense A sense FET monitors the current supplied to the load. The sense FET is a much more efficient way to measure current than conventional resistance methods. When an overload or short circuit is encountered, the current-sense circuitry sends a control signal to the driver. The driver in turn reduces the gate voltage and drives the power FET into its linear region, which switches the output into a constant current mode and simply holds the current constant while varying the voltage on the load. thermal sense An internal thermal-sense circuit shuts the power switch off when the junction temperature rises to approximately 180 °C. Hysteresis is built into the thermal sense, and after the device has cooled approximately 20 degrees, the switch turns back on. The switch continues to cycle off and on until the fault is removed. TPS201xY chip information This chip, when properly assembled, displays characteristics similar to the TPS201xC. Thermal compression or ultrasonic bonding may be used on the doped aluminum bonding pads. The chip may be mounted with conductive epoxy or a gold-silicon preform. |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |