| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LS367AD bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS367AD bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74365AN OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74365AN OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74366AN OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74366AN OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74367AN OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74367AN OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74367AN3 OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74367AN3 OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74368AN OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74368AN OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74368AN3 OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74368AN3 OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74LS365AD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS365A SN74LS365AD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS365A SN74LS365ADR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS365A SN74LS365ADR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS365A SN74LS365AN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS365AN SN74LS365AN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS365AN SN74LS365AN3 OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74LS365AN3 OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74LS365ANSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS365A SN74LS365ANSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS365A SN74LS366AD OBSOLETE SOIC D 16 TBD Call TI Call TI 0 to 70 SN74LS366AD OBSOLETE SOIC D 16 TBD Call TI Call TI 0 to 70 SN74LS366ADR OBSOLETE SOIC D 16 TBD Call TI Call TI 0 to 70 |