công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS78LS120W/883 bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện DS78LS120W/883
Giải thích chi tiết về linh kiện  Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS78LS120W/883 bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  DS78LS120W/883 Datasheet HTML 1Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 2Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 3Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 4Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 5Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 6Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 7Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 8Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Application Hints (Continued)
Unbalanced Data Transmission
00749906
00749907
Logic Level Translator
00749908
The DS78LS120 may be used as a level translator to inter-
face between ±12V MOS, ECL, TTL and CMOS. To config-
ure, bias either input to a voltage equal to 1⁄2 the voltage of
the input signal, and the other input to the driving gate.
LINE DRIVERS
Line drivers which will interface with the DS78LS120 are
listed below.
Balanced Drivers
DS26LS31: Quad RS-422 Line Driver, Dual CMOS
DS7830, DS8830: Dual TTL
DS7831, DS8831: Dual TRI-STATE TTL
DS7832, DS8832: Dual TRI-STATE TTL
DS1691A, DS3691: Quad RS-423/Dual RS-422 TTL
DS1692, DS3692: Quad RS-423/Dual TRI-STATE RS-422
TTL
DS3487: Quad TRI-STATE RS-422
Unbalanced Drivers
DS1488: Quad RS-232
DS75150: Dual RS-232
RESPONSE CONTROL AND HYSTERESIS
In unbalanced (RS-232/RS-423) applications it is recom-
mended that the rise time and fall time of the line driver be
controlled to reduce cross-talk. Elimination of switching
noise is accomplished in the DS78LS120 by the 50 mV of
hysteresis incorporated in the output gate. This eliminates
the oscillations which may appear in a line receiver due to
the input signal slowly varying about the threshold level for
extended periods of time.
High frequency noise which is superimposed on the input
signal which may exceed 50 mV can be reduced in ampli-
tude by filtering the device input. On the DS78LS120, a high
impedance response control pin in the input amplifier is
available to filter the input signal without affecting the termi-
nation impedance of the transmission line. Noise pulse width
rejection vs the value of the response control capacitor is
shown in Figure 1 and Figure 2. This combination of filters
followed by hysteresis will optimize performance in a worse
case noise environment.
00749909
FIGURE 1. Noise Pulse Width vs
Response Control Capacitor
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9