công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

INA143UA/2K5 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện INA143UA/2K5
Giải thích chi tiết về linh kiện  DIFFERENCE AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

INA143UA/2K5 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button INA143UA/2K5 Datasheet HTML 6Page - Texas Instruments INA143UA/2K5 Datasheet HTML 7Page - Texas Instruments INA143UA/2K5 Datasheet HTML 8Page - Texas Instruments INA143UA/2K5 Datasheet HTML 9Page - Texas Instruments INA143UA/2K5 Datasheet HTML 10Page - Texas Instruments INA143UA/2K5 Datasheet HTML 11Page - Texas Instruments INA143UA/2K5 Datasheet HTML 12Page - Texas Instruments INA143UA/2K5 Datasheet HTML 13Page - Texas Instruments INA143UA/2K5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
®
INA143, INA2143
SIMILAR COMPLETE
A1, A2
FEATURE
BURR-BROWN IA
OPA2227
Low Noise
INA103
OPA129
Ultra Low Bias Current (fA)
INA116
OPA2277
Low Offset Drift, Low Noise
INA114, INA128
OPA2130
Low Power, FET-Input (pA)
INA121
OPA2234
Single Supply, Precision, Low Power
INA122, INA118
OPA2237
Single Supply, Low Power, MSOP-8
INA122, INA126
The INA143 can be combined with op amps to form a complete instrumenta-
tion amplifier with specialized performance characteristics. Burr-Brown offers
many complete high performance IAs. Products with related performances
are shown at the right in the table below.
FIGURE 9. Precision G = 11 Buffer.
FIGURE 4. Difference Amplifier with Gain and CMR Adjust.
FIGURE 5. Precision G = –10 Inverting Amplifier.
This circuit follows an 11/1 divider with a gain of 11 for an overall gain of unity.
With an 11/1 divider, the input signal can exceed 55V without damage as
long as input current is less than 0.5mA.
FIGURE 6. Voltage Follower with Input Protection.
FIGURE 7. Precision Instrumentation Amplifier.
FIGURE 8. Precision Summing Amplifier.
10
Ω
10
Ω
10k
Ω
100k
Ω
10k
Ω
100k
Ω
200
Ω
200
Ω
V
1
V
2
2
3
5
1
6
V
O
Gain
Adjust
CMR
Adjust
INA143
To eliminate adjustment interactions,
first adjust gain with V
2 grounded.
V
2
25
6
INA143
3
V
O = –10 • V2
1
Gain Error = 0.05% maximum
Nonlinearity = 0.001% maximum
Gain Drift = 1ppm/
°C
10k
Ω
100k
Ω
10k
Ω
100k
Ω
25
6
INA143
3
R
3
10k
Ω
V
O = VIN
V
IN
R
1
10k
Ω
R
4
100k
Ω
1
R
2
100k
Ω
±55V
Without
Damage
V
1
–In
2
3
5
10k
Ω
100k
Ω
10k
Ω
100k
Ω
1
6
INA143
V
0 = 10 (1 + 2R2 /R1) (V2 – V1)
A
2
A
1
V
2
+In
R
1
R
2
V
O
R
2
25
6
INA143
V
1
R
1
10k
Ω
R
4
100k
Ω
1
R
2
100k
Ω
R
3
10k
Ω
3
V
3
V
O = V1 + 10 • V3
10k
Ω
100k
Ω
5
6
INA143
V
O = 11 • VIN
1
2
100k
Ω
10k
Ω
V
IN
3
Gain Error =
0.05% maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com