công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FR2GA bảng dữ liệu(PDF) 1 Page - SUNMATE electronic Co., LTD

tên linh kiện FR2GA
Giải thích chi tiết về linh kiện  SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUNMATE [SUNMATE electronic Co., LTD]
Trang chủ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

FR2GA bảng dữ liệu(HTML) 1 Page - SUNMATE electronic Co., LTD

  FR2GA Datasheet HTML 1Page - SUNMATE electronic Co., LTD FR2GA Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR2MA
FR2KA
FR2JA
FR2GA
FR2DA
FR2BA
Case: SMA/DO-214AC, Molded Plastic
FR2AA
VOLTAGE RANGE: 50 - 1000V
FR2AA - FR2MA
700
1000
CURRENT: 2.0 A
SURFACE MOUNT FAST RECOVERY RECTIFIER DIODES
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
Plastic Case Material has UL Flammability
                            
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 90°C
IO
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
Forward Voltage
@IF = 2.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
300
Reverse Recovery Time (Note 1)
trr
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 3)
RJL
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
Low Power Loss
Ideally Suited for Automatic Assembly
Fast Recovery Time
Classification Rating 94V-O
Characteristic
Symbol
50
100
200
400
600
800
35
70
140
280
420
560
150
250
500
1.30
50
20
-50 to +150
2.0
Features
Mechanical Data
µA
Unit
V
V
nS
V
pF
°C/W
°C
A
50
A
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Weight: 0.064 grams (approx.)
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)
1 of 2
www.sunmate.tw


Số phần tương tự - FR2GA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SUNMATE electronic Co.,...
FR2GAF SUNMATE-FR2GAF Datasheet
299Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Pan Jit International I...
FR2GAFC PANJIT-FR2GAFC Datasheet
334Kb / 4P
Surface Mount Fast Recovery Rectifier
July 4,2020 FR2AAFC_SERIES-REV.00
FR2GAFC_R1_00001 PANJIT-FR2GAFC_R1_00001 Datasheet
334Kb / 4P
Surface Mount Fast Recovery Rectifier
July 4,2020 FR2AAFC_SERIES-REV.00
More results

Mô tả tương tự - FR2GA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SUNMATE electronic Co.,...
RS1AB SUNMATE-RS1AB Datasheet
295Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS2AA SUNMATE-RS2AA Datasheet
425Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR10A SUNMATE-FR10A Datasheet
421Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS3AB SUNMATE-RS3AB Datasheet
306Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS5A SUNMATE-RS5A Datasheet
523Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FFM301 SUNMATE-FFM301 Datasheet
314Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR1AF SUNMATE-FR1AF Datasheet
332Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR2AF SUNMATE-FR2AF Datasheet
306Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3A SUNMATE-FR3A Datasheet
313Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3ABF SUNMATE-FR3ABF Datasheet
343Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com