công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP3465V/63SN bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện TP3465V/63SN
Giải thích chi tiết về linh kiện  TP3465 MICROWIRE(TM) Interface Device (MID)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TP3465V/63SN bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button TP3465V/63SN Datasheet HTML 10Page - Texas Instruments TP3465V/63SN Datasheet HTML 11Page - Texas Instruments TP3465V/63SN Datasheet HTML 12Page - Texas Instruments TP3465V/63SN Datasheet HTML 13Page - Texas Instruments TP3465V/63SN Datasheet HTML 14Page - Texas Instruments TP3465V/63SN Datasheet HTML 15Page - Texas Instruments TP3465V/63SN Datasheet HTML 16Page - Texas Instruments TP3465V/63SN Datasheet HTML 17Page - Texas Instruments TP3465V/63SN Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Timing Characteristics
This section contains timing diagrams for the microprocessor bus interface MICROWIRE port interface and the Control and
Clock timings relationships
Timing characteristics are derived from worst-case simulations plus guardbanding Production testing is limited to device func-
tionality
NSCIntel Bus Format
MULTIPLEXED MICROPROCESSOR BUS
TLH10803 – 7
NON-MULTIPLEXED MICROPROCESSOR BUS
TLH10803 – 8
Symbol
Parameter
Conditions
Min
Max
Units
tWASH
Width Address Strobe High
20
ns
tSAAS
Setup Address to Address Strobe
10
ns
tHASA
Hold Address Strobe Low to Address
10
ns
tHASR
Hold Address Strobe to Read Strobe
10
ns
tDRD
Delay Read Low to Data
100 pF Load
70
ns
tHRD
Hold Read High to Data
5
40
ns
tWRL
Width Read Strobe Low
20
ns
tSDW
Setup Data to Write High
30
ns
tHWD
Hold Write High to Data
10
ns
tWWL
Width Write Strobe Low
20
ns
tSAR
Setup Address to Read Low
Non-Muxed MI e 110
ns
tHRA
Hold Read High to Address
Non-Muxed MI e 110
ns
tSAW
Setup Address to Write Low
Non-Muxed MI e 110
ns
tHWA
Hold Write High to Address
Non-Muxed MI e 110
ns
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com