công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP3404V/63SN bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện TP3404V/63SN
Giải thích chi tiết về linh kiện  TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TP3404V/63SN bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TP3404V/63SN Datasheet HTML 7Page - Texas Instruments TP3404V/63SN Datasheet HTML 8Page - Texas Instruments TP3404V/63SN Datasheet HTML 9Page - Texas Instruments TP3404V/63SN Datasheet HTML 10Page - Texas Instruments TP3404V/63SN Datasheet HTML 11Page - Texas Instruments TP3404V/63SN Datasheet HTML 12Page - Texas Instruments TP3404V/63SN Datasheet HTML 13Page - Texas Instruments TP3404V/63SN Datasheet HTML 14Page - Texas Instruments TP3404V/63SN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NRND
TP3404
www.ti.com
SNOS703 – DECEMBER 2004
When the transmit direction (towards the line) is disabled there will be all “ONE's” (scrambled) as data for this
channel at the Lo pin. If the receive direction (from the line) is disabled, BO will stay high impedance for the
programmed time slot while, if it is enabled, data out on BO in the assigned time slot is the data from Li.
BITS 5–0: TS5–TS0
These bits define the binary number of the time-slot selected. Time-slots are numbered from 0–63. The frame
sync signal is used as marker pulses for the beginning of time slot 0.
Table 4. Byte 2 of Register TSXB1, TSXB2, TSRB1 or TSRB2 for B Channel Time-Slot Assignment
Bit Number and Name
Function
7
6
5
4
3
2
1
0
EB
X
TS5
TS4
TS3
TS2
TS1
TS0
0
X
X
X
X
X
X
X
Disable B1 and/or B2
1
X
Assign One Binary Coded Time-Slot from 0–63
Enable B1 and/or B2
REGISTERS TXD, TRD
The data format for all D channel time-slot assignment registers is as follows:
Data transparency between the digital interface and the line interface for the D channels can be controlled via the
Channel Control Register, see Table 3.
BITS 7–0: TS7–TS0
These bits define the binary number of the sub-slot selected. Sub-slots are numbered from 0–255. The frame
sync signal is used as marker pulses for the beginning of Sub-slot 0.
Table 5. Byte 2 of Register TSXD or TSRD for D Channel Time-Slot Assignment
Bit Number and Name
7
6
5
4
3
2
1
0
SS
SS
SS
SS
SS
SS
SS
SS
7
6
5
4
3
2
1
0
Assign One Binary Coded Sub-Slot from 0–255 for D Channel
Figure 5. QDASL Digital Interface Timing
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TP3404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com