| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TP3402 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TP3402 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 17 page ![]() Timing Diagrams (Continued) TLH9264 – 13 FIGURE 7 B Channel Interface Timing Slave Mode Typical Applications TLH9264 – 11 FIGURE 8 Typical Application for Slave End Note 1 The TP3401 may also be used in this configuration with an external MCLK source Note 2 The TP30756 Programmable Combos also must be connected to the MICROWIRE interface Note 3 Only necessary if a mechanical Hookswitch is connected to the NMI input of the HPC Note 4 Crystal load capacitors include board and trace capacitance Oscillator frequency can be checked by measuring the BCLK output frequency when slave mode part is in digital loopback 7 |