| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETX3150GGP bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150GGP bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 33 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 DRAM and EAM interfaces (continued) NOTE: Diagram shows end-of-frame flag format. Multiple buffer frames use this flag format only on the last buffer. (End-of buffer flags are used between a frame’s buffers.) C = Channel code/source port code P = Parity bits for forward pointer B = Number of valid bytes in data word S = Frame status (error conditions) Tg = Pretag (uplink mode) U = Reserved 0 C 1 U U Byte 3 Byte 7 Byte 2 Byte 6 Byte 1 Byte 5 Byte 0 Byte 4 0 00 U U CCC CCCC 00 U U CCCC 00 U U CCCC 00 U U CCCC 00 U U CCCC 00 U U CCCC 1B B B 1 S S S Byte 63 Byte 62 Byte 61 Byte 60 32 35 Flags Buffer Data 0 31 35 32 0 0 PTg PP Tg Tg Tg CC C C Forward Pointer 24 28 32 35 NOTE: IOB Index buffer bit = 0; this is a data buffer. 0 23 Figure 12. Buffer Diagram Showing Flag Format for a 64-Byte Frame |