công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSD09N66 bảng dữ liệu(PDF) 2 Page - Bruckewell Technology LTD

tên linh kiện MSD09N66
Giải thích chi tiết về linh kiện  100V N-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BWTECH [Bruckewell Technology LTD]
Trang chủ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSD09N66 bảng dữ liệu(HTML) 2 Page - Bruckewell Technology LTD

  MSD09N66 Datasheet HTML 1Page - Bruckewell Technology LTD MSD09N66 Datasheet HTML 2Page - Bruckewell Technology LTD MSD09N66 Datasheet HTML 3Page - Bruckewell Technology LTD MSD09N66 Datasheet HTML 4Page - Bruckewell Technology LTD MSD09N66 Datasheet HTML 5Page - Bruckewell Technology LTD MSD09N66 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MSD09N66
100V N-Channel MOSFETs
Publication Order Number: [MSD09N66]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (TC=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current - Continuous (TC=25°C)
45
A
Drain Current - Continuous (TC=100°C)
28
A
IDM
Drain Current - Pulsed
1
180
A
EAS
Single Pulse Avalanche Energy
2
45
mJ
IAS
Single Pulse Avalanche Current
2
30
A
PD
Power Dissipation (TC=25°C)
102
W
Power Dissipation - Derate above 25°C
0.82
W/°C
TJ
Storage Temperature Range
-50 to +150
°C
TSTG
Operating Junction Temperature Range
-50 to +150
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJc
Thermal Resistance Junction to ambient
--
62
°C/W
RθJA
Thermal Resistance Junction to Case
--
1.22
Electrical Characteristics (TJ=25
℃, unless otherwise noted)
Off Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS = VGS, ID = 250uA
100
V
△BV
DSS
/
△TJ
BVDSS Temperature Coefficient
Reference to 25°C , ID = 1mA
0.05
V/°C
IGSS
Gate-Source Leakage Current
VDS = 0 V , VGS = ±20 V
±100
nA
IDSS
Drain-Source Leakage Current
VDS = 100 V , VGS = 0 V , TJ= 25°C
VDS = 80 V , VGS = 0 V , TJ= 125°C
1
10
uA
On Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
RDS(on)
Drain-Source On-Resistance
3
VGS = 10 V, ID = 25 A
VGS = 6 V , ID = 15 A
VGS = 4.5 V , ID = 6 A
15
17
25
18
22
38
m
Ω
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID =-250μA
1
2
3
V
△V
GS(th)
V GS(th) Temperature Coefficient
VDS = VGS, ID =-250μA
-5
mV/°C
gfs
Forward Tranconductance
VDS = 10 V , ID = 3 A
10
S



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com