| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASR8600 bảng dữ liệu(PDF) 4 Page - AMIC Technology |
|
|
|||||||||||||||||||||||||||||
ASR8600 bảng dữ liệu(HTML) 4 Page - AMIC Technology |
|
4 / 14 page ![]() ASR8600 PRELIMINARY (March, 2015, Version 0.0) 3 AMIC Technology Corp. Optical Characteristics ALS/IR Characteristics Symbol Parameter Test Condition Min. Typ. Max. Unit λP_ALS Peak Sensitivity Wavelength for ALS 550 nm λP_IR Peak Sensitivity Wavelength for IR nm DataAI_F Full Scale ALS/IR Count 0 65535 Count DataAI_O Dark ALS/IR Count 0 1 Count - Detecting Intensity 0.125 65535 Lux - ALS/IR Sensing Tolerance ±10 % PS Characteristics Symbol Parameter Test Condition Min. Typ. Max. Unit λP_PS Peak Sensitivity Wavelength 850 nm DataPS_F Full Scale PS Count 255 Count DataPS_O PS Count w/o Object in Path 0 1 Count 2.5/5 25 50 5/10 50 100 10/20 100 200 ILED LED Sink Current 15/30 150 300 mA tLED_P LED Pulse Period 10 µs tLED_ON LED On Time 5 µs Solar UV Characteristics Symbol Parameter Test Condition Min. Typ. Max. Unit λP_SUV Peak Sensitivity Wavelength for Solar UV nm DataSUV_F Full Scale Solar UV Count 0 65535 Count DataSUV_O Dark Solar UV Count 0 1 Count - Detecting Intensity 0.125 65535 Lux - Solar UV Sensing Tolerance ±15 % |