| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP102-195E/TT bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP102-195E/TT bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 28 page ![]() 2004-2014 Microchip Technology Inc. DS20001906D-page 15 MCP102/103/121/131 4.4 Usage in PIC® Microcontroller, ICSP™ Applications (MCP121 only) Figure 4-5 shows the typical application circuit for using the MCP121 for voltage supervision function when the PIC microcontroller will be programmed via the ICSP feature. Additional information is available in TB087, “Using Voltage Supervisors with PIC® Microcontroller Systems which Implement In-Circuit Serial Programming™”, DS91087. FIGURE 4-5: Typical Application Circuit for PIC® Microcontroller with the ICSP™ Feature. Note: It is recommended that the current into the RST pin be current limited by a 1 k resistor. VDD/VPP VDD MCLR (Reset Input) (Active-low) VSS PIC® MCU RPU 0.1 µF 1k MCP121 VDD RST VSS |