| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EMC2103 bảng dữ liệu(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
EMC2103 bảng dữ liệu(HTML) 2 Page - Microchip Technology |
|
2 / 85 page ![]() ORDER NUMBERS: REEL SIZE IS 4,000 PIECES This product meets the halogen maximum concentration values per IEC61249-2-21 ORDERING NUMBER PACKAGE FEATURES EMC2103-1-KP-TR 12-pin, QFN ROHS Compliant One external diode, RPM based Fan Speed Control Algorithm, High Frequency PWM driver, HW Thermal / Critical shutdown, EEPROM Load disabled EMC2103-2-AP-TR 16-pin, QFN ROHS Compliant Up to three external diodes, RPM based Fan Speed Control algorithm, High Frequency PWM driver, HW Thermal / Critical shutdown, 2 GPIOs, EEPROM Load disabled EMC2103-4-AP-TR 16-pin, QFN ROHS Compliant Up to three external diodes, RPM based Fan Speed Control algorithm, High Frequency PWM driver, HW Thermal / Critical shutdown, 2 GPIOs, EEPROM Load enabled RPM-Based Fan Controller with Hardware Thermal Shutdown Datasheet DS0005250A-page 2 2013 Microchip Technology Inc. |