công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EMC2113 bảng dữ liệu(PDF) 83 Page - Microchip Technology

tên linh kiện EMC2113
Giải thích chi tiết về linh kiện  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 bảng dữ liệu(HTML) 83 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 79Page - Microchip Technology EMC2113_13 Datasheet HTML 80Page - Microchip Technology EMC2113_13 Datasheet HTML 81Page - Microchip Technology EMC2113_13 Datasheet HTML 82Page - Microchip Technology EMC2113_13 Datasheet HTML 83Page - Microchip Technology EMC2113_13 Datasheet HTML 84Page - Microchip Technology EMC2113_13 Datasheet HTML 85Page - Microchip Technology EMC2113_13 Datasheet HTML 86Page - Microchip Technology EMC2113_13 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 83
Bits 1-0 - SPINUP_TIME[1:0] = ‘10b’ tells the circuitry that if the Spin Up Routine is invoked, it will run
at 100% duty cycle for 250ms and at 40% duty cycle for 750ms for a total spin up time of 1s.
A.2.2
LUT Configuration - Bit Description
7 - USE_DTS_F1 = ‘1b’ tells the circuitry that the data in the Pushed Temperature 1 register is in DTS
format which means that the value in the register is equal to 100C - CPU Temp.
Bit 6 - USE_DTS_F2 = ‘1b’ tells the circuitry that the data in the Pushed Temperature 1 register is in
DTS format which means that the value in the register is equal to 100°C - CPU temp.
Bit 5 - LUT_LOCK = ‘1b’ tells the circuitry that the LUT is programmed and is active. This bit must be
set for the LUT to function.
Bit 4 - RPM_PWM = ‘0b’ tells the LUT circuitry that the FSC algorithm is active and that the LUT values
are TACH Target settings. This is the default setting.
Bit 3 - PUSH1_CFG = ‘0b’ tells the circuitry that the LUT should referenced the Forced Temperature
data instead of the PWM Input Duty Cycle data. This is the default setting.
Bit 2 - TEMP1_CFG = ‘0b’ tells the LUT to reference the External Diode 1 data instead of Forced
Temperature 1 data.
Bit 1 - TEMP3_CFG = ‘1’b tells the Look Up Table to reference the Forced Temperature 1 data instead
of the External Diode 3 data.
Bit 0- TEMP4_CFG = ‘1b’ tells the Look Up Table to reference the Forced Temperature 2 data instead
of the Internal Diode data.
Note: The values shown in Table A.6 are example settings. All the cells in the look-up table are
programmable via SMBus.
Table A.6 Fan Speed Control Table Example #2
FAN
SPEED
STEP #
EXTERNAL
DIODE 1
TEMPERATURE
(CPU)
EXTERNAL
DIODE 2
TEMPERATURE
(GPU)
PUSHED
TEMPERATURE
SETTING (DTS1)
PUSHED
TEMPERATURE
SETTING (DTS2)
TACH
TARGET
HIGH BYTE
135oC65oC50oC40oC
EFh
(1028 RPM)
240oC75oC55oC45oC
A3h
(1508 RPM)
350oC85oC60oC50oC
7Ah
(2014 RPM)
460oC90oC65oC55oC
62h
(2508 RPM)
570oC95oC70oC60oC
52h
(2997 RPM)
680oC
100oC75oC65oC
3Dh
(4029 RPM)
790oC
105oC80oC80oC
31h
(5016 RPM)
8
100oC110oC85oC
100oC
29h
(5994 RPM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com