| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS500 bảng dữ liệu(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS500 bảng dữ liệu(HTML) 28 Page - Microchip Technology |
|
28 / 42 page ![]() HCS500 DS40000153E-page 28 2001-2015 Microchip Technology Inc. 9.2.3 WRITE TO USER EEPROM COMMAND 9.2.4 ACTIVATE LEARN COMMAND IN MICRO MODE 9.2.5 ACTIVATE LEARN COMMAND IN STAND-ALONE MODE TABLE 9-5: WRITE TO USER EEPROM COMMAND Section 9.1 “Standard Operating Conditions” Symbol Parameters Min. Typ. Max. Units TWR Write command activation time 20 — 1000 s TACK EEPROM write acknowledge time — — 10 ms TRESP Microcontroller acknowledge response time 20 — 1000 s TACK2 Decoder response acknowledge time —— 10 s * These parameters are characterized but not tested. TABLE 9-6: ACTIVATE LEARN COMMAND IN MICRO MODE Section 9.1 “Standard Operating Conditions” Symbol Parameters Min. Typ. Max. Units TLRN Learn command activation time 20 — 1000 s TACK Decoder acknowledge time — — 20 s TRESP Microcontroller acknowledge response time 20 — 1000 s TACK2 Decoder data line low — — 10 s * These parameters are characterized but not tested. TABLE 9-7: ACTIVATE LEARN COMMAND IN STAND-ALONE MODE Section 9.1 “Standard Operating Conditions” Symbol Parameters Min. Typ. Max. Units TPP1 Command request time — — 100 ms TPP2 Learn command activation time — — 2 s TPP3 Erase-all command activation time — — 6 s * These parameters are characterized but not tested. |