| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP1252T-ADJI/MS bảng dữ liệu(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1252T-ADJI/MS bảng dữ liệu(HTML) 13 Page - Microchip Technology |
|
13 / 20 page ![]() 2002-2014 Microchip Technology Inc. DS20001752C-page 13 MCP1252/3 7.0 PACKAGING INFORMATION 7.1 Package Marking Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead MSOP (Fixed) Example: 1252SX 412256 8-Lead MSOP (Adjustable) Example: OR 1253DJ 412256 1253EX 412256 |