công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RS1007 bảng dữ liệu(PDF) 1 Page - SUNMATE electronic Co., LTD

tên linh kiện RS1007
Giải thích chi tiết về linh kiện  SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUNMATE [SUNMATE electronic Co., LTD]
Trang chủ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RS1007 bảng dữ liệu(HTML) 1 Page - SUNMATE electronic Co., LTD

  RS1007 Datasheet HTML 1Page - SUNMATE electronic Co., LTD RS1007 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 10 A
VOLTAGE RANGE: 50 - 1000V
1 of 2
RS1001-RS1007
SINGLE-PHASE BRIDGE RECTIFIER
l
l
l
Features
Ideal for printed circuit board
High forward surge current capability
l
l
l
l
l
Mechanical Data
Case: Transfer molded plastic
Terminal: Lead solderable per MIL-STD-202E method 208C
Mounting: Thru hole for #6 screw, 5 in.-lbs terque max
Weight: 0.27 ounce, 7.59 gram
Polarity: Polarity symbols marked on case
0
0
RRM
50
Volts
VRMS
Volts
VDC
Volts
TC=50
(Note 2)
TC=100
(Note 2)
M
TA=45
(Note 3)
I(AV)
Amps
IFSM
350
Amps
2t
373
A
2s
bridge element at 10.0A
1.0
Volts
TA=25
5.0
µAmps
TA=100
IR
mAmps
CJ
200
pF
RθJC
/W
TJ, TSTG
1.
2.
3.
www.sunmate.tw
RS1003 RS1004 RS1005 RS1006 RS1007
RS1001 RS1002
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
aximum Average Forward
Rectified Output Current, at
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
100
200
400
600
800
1000
Operating and Storage Temperature Range
Typical Thermal Resistance (Note 2)
Typical Junction Capacitance (Note 1)
Rating for Fusing (t<8.3ms)
I
Maximum DC Reverse Current at rated
DC blocking voltage per element
Maximum Instantaneous Forward Voltage Drop per
V
VF
10.0
8.0
6.0
-55 to +150
5.0
1.0
Low cost
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
NOTES:
Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
Unit mounted on 6.0 x5.5 x0.24 thick (15x14x0.6cm) Al. plate.
Unit mounted in free air, no heatsink, P.C.B at 0.375 (9.5mm) lead length with 0.5 x0.5 (12x12cm) copper pads
Characteristic
Symbol
Unit
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.


Số phần tương tự - RS1007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
RS1007 MCC-RS1007 Datasheet
78Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
MIC GROUP RECTIFIERS
RS1007 MIC-RS1007 Datasheet
113Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
RS1007 CHENYI-RS1007 Datasheet
45Kb / 2P
10Amp single phase bridge rectifier 50to1000 volts
logo
Micro Commercial Compon...
RS1007 MCC-RS1007 Datasheet
256Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Rectron Semiconductor
RS1007M RECTRON-RS1007M Datasheet
30Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes)
More results

Mô tả tương tự - RS1007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com