công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2003A-E/SN bảng dữ liệu(PDF) 20 Page - Microchip Technology

tên linh kiện MCP2003A-E/SN
Giải thích chi tiết về linh kiện  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003A-E/SN bảng dữ liệu(HTML) 20 Page - Microchip Technology

Back Button MCP2003A-E/SN Datasheet HTML 16Page - Microchip Technology MCP2003A-E/SN Datasheet HTML 17Page - Microchip Technology MCP2003A-E/SN Datasheet HTML 18Page - Microchip Technology MCP2003A-E/SN Datasheet HTML 19Page - Microchip Technology MCP2003A-E/SN Datasheet HTML 20Page - Microchip Technology MCP2003A-E/SN Datasheet HTML 21Page - Microchip Technology MCP2003A-E/SN Datasheet HTML 22Page - Microchip Technology MCP2003A-E/SN Datasheet HTML 23Page - Microchip Technology MCP2003A-E/SN Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
MCP2003/4/3A/4A
DS20002230F-page 20
 2010-2014 Microchip Technology Inc.
3.0
PACKAGING INFORMATION
3.1
Package Marking Information
8-Lead PDIP (300 mil)
Examples:
8-Lead SOIC (150 mil)
Examples:
Examples
:
8-Lead DFN (4x4)
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
2004A
1406
256
E/MD^^3
e
E/P^^256
1406
MCP2003A
3
e
MCP2003
E
SN^^1406
256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34