| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP2050-E/P bảng dữ liệu(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2050-E/P bảng dữ liệu(HTML) 30 Page - Microchip Technology |
|
30 / 40 page ![]() MCP2050 DS20002299C-page 30 2012-2014 Microchip Technology Inc. 3.0 PACKAGING INFORMATION 3.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 14-Lead SOIC (.150”) Example MCP2050 -500 E/SL ^^ 1429256 3 e 14-Lead PDIP (300 mil) Example MCP2050 -500 E/P ^^ 1429256 3 e 20-Lead QFN (5x5x0.9 mm) Example PIN 1 PIN 1 MCP2050 500E/MQ ^^ 1429256 3 e |