công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2221A-I/ML bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện MCP2221A-I/ML
Giải thích chi tiết về linh kiện  USB 2.0 to I2C/UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221A-I/ML bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button MCP2221A-I/ML Datasheet HTML 4Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 5Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 6Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 7Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 8Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 9Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 10Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 11Page - Microchip Technology MCP2221A-I/ML Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
MCP2221A
DS20005565A-page 8
 2016 Microchip Technology Inc.
REGISTER 1-2:
CHIPSETTING1 REGISTER
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
—
—
—
CLKDC1
CLKDC0
CLKDIV2
CLKDIV1
CLKDIV0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Reserved:
Set to ‘0’
bit 4-3
CLKDC<1:0>:
Clock-Out Duty-Cycle bits
11
= Duty cycle 75% (75% of 1 clock period is logic ‘1’ and 25% of 1 clock period is logic ‘0’)
10
= Duty cycle 50% (50% of 1 clock period is logic ‘1’ and 50% of 1 clock period is logic ‘0’)
(factory default)
01
= Duty cycle 25% (25% of 1 clock period is logic ‘1’ and 75% of 1 clock period is logic ‘0’)
00
= Duty cycle 0% (100% of 1 clock period is logic ‘0’)
bit 2-0
CLKDIV<2:0>:
Clock-Out Divider Output bits
111
= 375 kHz clock output
110
= 750 kHz clock output
101
= 1.5 MHz clock output
100
= 3 MHz clock output
011
= 6 MHz clock output
010
= 12 MHz clock output (factory default)
001
= 24 MHz clock output
000
=Reserved
REGISTER 1-3:
CHIPSETTING2 REGISTER
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
DACVRM1
DACVRM0
DACREF
DACVAL4
DACVAL3
DACVAL2
DACVAL1
DACVAL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
DACVRM<1:0>:
DAC Internal Voltage Reference (DAC VRM) Selection bits
11
= VRM voltage is 4.096V (only if VDD is above this voltage)
10
= VRM voltage is 2.048V (factory default)
01
= VRM voltage is 1.024V
00
= VRM is off
bit 5
DACREF:
DAC Reference Output Selection bit
1
= DAC reference output is DAC VRM voltage selection
0
= DAC reference output is VDD (factory default)
bit 4-0
DACVAL<4:0>:
Initial DAC Output Value bit
5-bit value for the DAC output (factory default is 8 decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com