| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP16331T-E/CH bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP16331T-E/CH bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 40 page ![]() MCP16331 DS20005308B-page 22 2014 Microchip Technology Inc. 5.11 PCB Layout Information Good printed circuit board layout techniques are important to any switching circuitry, and switching power supplies are no different. When wiring the switching high-current paths, short and wide traces should be used. Therefore, it is important that the input and output capacitors be placed as close as possible to the MCP16331 to minimize the loop area. The feedback resistors and feedback signal should be routed away from the switching node and the switching current loop. When possible, ground planes and traces should be used to help shield the feedback signal and minimize noise and magnetic interference. A good MCP16331 layout starts with CIN placement. CIN supplies current to the input of the circuit when the switch is turned on. In addition to supplying high- frequency switch current, CIN also provides a stable voltage source for the internal MCP16331 circuitry. Unstable PWM operation can result if there are excessive transients or ringing on the VIN pin of the MCP16331 device. In Figure 5-1, CIN is placed close to pin 5. A ground plane on the bottom of the board provides a low resistive and inductive path for the return current. The next priority in placement is the freewheeling current loop formed by D1, COUT and L, while strategically placing COUT return close to CIN return. Next, the boost capacitor should be placed between the boost pin and the switch node pin SW. This leaves space close to the MCP16331 VFB pin to place RTOP and RBOT. RTOP and RBOT are routed away from the Switch node so noise is not coupled into the high-impedance VFB input. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |