| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320LF2402APGS bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320LF2402APGS bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 134 page ![]() TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A DSP CONTROLLERS SPRS145L − JULY 2000 − REVISED SEPTEMBER 2007 21 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 memory maps Reserved 0000 Hex Program On-Chip Flash Memory (Sectored) − if MP/MC = 0 External Program Memory − if MP/MC = 1 7FFF 8000 0000 005F 0060 Hex Data Memory-Mapped Registers/Reserved Addresses 007F 0080 On-Chip DARAM B2 01FF Illegal 02FF 0300 On-Chip DARAM (B0)§ (CNF = 0) Reserved (CNF = 1) 03FF 0400 On-Chip DARAM (B1)¶ 07FF 0800 Reserved 6FFF 7000 Illegal Peripheral Memory-Mapped Registers (System, WD, ADC, SCI, SPI, CAN, I/O, Interrupts) 7FFF 8000 External 0000 Hex I/O FEFF FF00 FF0E FF0F Reserved External FFFF FEFF FF00 FDFF FE00 External On-Chip DARAM (B0)‡ (CNF = 1) External (CNF = 0) FFFF FFFE Wait-State Generator Control Register (On-Chip) FF10 Flash Control Mode Register SARAM (See Table 1 for details.) FFFF SARAM (2K) Internal (PON = 1) External (PON=0) 87FF 8800 0FFF 1000 3FFF Flash Sector 1 (12K) Flash Sector 2 (12K) Flash Sector 3 (4K) 4000 6FFF 7000 0FFF 1000 0200 SARAM (2K) Internal (DON = 1) Reserved (DON=0) Reserved or Illegal Flash Sector 0 (4K) Interrupt Vectors (0000−003Fh) Reserved† (0040−0043h) User code begins at 0044h Reserved‡ (CNF = 1) External (CNF = 0) Reserved 00FF 0100 Illegal 04FF 0500 NOTE A: Boot ROM: If the boot ROM is enabled, then addresses 0000−00FF in the program space will be occupied by boot ROM. † Addresses 0040h−0043h in on-chip program memory are reserved for code security passwords. ‡ When CNF = 1, addresses FE00h−FEFFh and FF00h−FFFFh are mapped to the same physical block (B0) in program-memory space. For example, a write to FE00h has the same effect as a write to FF00h. For simplicity, addresses FE00h−FEFFh are referred to as reserved when CNF = 1. § When CNF = 0, addresses 0100h−01FFh and 0200h−02FFh are mapped to the same physical block (B0) in data-memory space. For example, a write to 0100h has the same effect as a write to 0200h. For simplicity, addresses 0100h−01FFh are referred to as reserved. ¶ Addresses 0300h−03FFh and 0400h−04FFh are mapped to the same physical block (B1) in data-memory space. For example, a write to 0400h has the same effect as a write to 0300h. For simplicity, addresses 0400h−04FFh are referred to as reserved. Figure 1. TMS320LF2407A Memory Map |