| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP23017T-E/SP bảng dữ liệu(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23017T-E/SP bảng dữ liệu(HTML) 26 Page - Microchip Technology |
|
26 / 42 page ![]() MCP23017/MCP23S17 DS20001952C-page 26 2005-2016 Microchip Technology Inc. 4.0 PACKAGING INFORMATION 4.1 Package Marking Information MCP23017-E/SO 3 e Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 28-Lead SOIC Example: 28-Lead SSOP YYWWNNN XXXXXXXXXXXX XXXXXXXXXXXX Example: 28-Lead QFN Example: 28-Lead SPDIP Example: XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX YYWWNN MCP23017-E/SP 1628256 3 e MCP23017 E/SS 3 e 1628256 23017 E/ML 1628256 3 e 1628256 |