công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP23017-E/SO bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện MCP23017-E/SO
Giải thích chi tiết về linh kiện  16-Bit I/O Expander with Serial Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017-E/SO bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button MCP23017-E/SO Datasheet HTML 6Page - Microchip Technology MCP23017-E/SO Datasheet HTML 7Page - Microchip Technology MCP23017-E/SO Datasheet HTML 8Page - Microchip Technology MCP23017-E/SO Datasheet HTML 9Page - Microchip Technology MCP23017-E/SO Datasheet HTML 10Page - Microchip Technology MCP23017-E/SO Datasheet HTML 11Page - Microchip Technology MCP23017-E/SO Datasheet HTML 12Page - Microchip Technology MCP23017-E/SO Datasheet HTML 13Page - Microchip Technology MCP23017-E/SO Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MCP23017/MCP23S17
DS20001952C-page 10
 2005-2016 Microchip Technology Inc.
TABLE 1-5:
GP AND INT PINS REQUIREMENTS
GP and INT Pins AC Characteristics: Unless otherwise noted, 1.8V
V
DD  5.5V at -40C  TA  +125C
Param.
No.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
50
Serial Data to Output Valid
TGPOV
——
500
ns
51
Interrupt Pin Disable Time
TINTD
——
600
ns
52
GP Input Change to
Register Valid
TGPIV
——
450
ns
53
IOC Event to INT Active
TGPINT
——
600
ns
Glitch Filter on GP Pins
TGLITCH
——
150
ns
Note 1
Note 1:
This parameter is characterized, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42