| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HV7351 bảng dữ liệu(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV7351 bảng dữ liệu(HTML) 9 Page - Microchip Technology |
|
9 / 26 page ![]() 2015 Microchip Technology Inc. DS20005412A-page 9 HV7351 Output N-Channel MOSFET to VNN, CW = 1 Output Saturation Current IOUT 1.2 1.5 — A Output ON-Resistance RON —6.6 — IOUT = -100 mA Output Capacitance COSS —50— pF VNN - VOUT = -25V, f = 1.0 MHz (Note 2) Damping P-Channel MOSFET to PGND Output Saturation Current IOUT 2.2 3.2 — A Output ON-Resistance RON —4— IOUT = 100 mA Output capacitance COSS —62— pF VPP - VOUT = 25V, f = 1.0 MHz (Note 2) Damping N-Channel MOSFET to PGND Output Saturation Current IOUT 2.2 3.2 — A Output ON-Resistance RON —2.3 — IOUT = -100 mA Output Capacitance COSS —50— pF VNN - VOUT = -25V, f = 1.0 MHz (Note 2) Logic Inputs Clock Input Current ITCK — ±1.0 — µA Voltage 0 to VLL Clock Input High Voltage VIH_TCK VTCK + 0.15 — VLL VTCK = 0.5VLL (Note 2) Clock Input Low Voltage VIL_TCK 0— VTCK - 0.15 V Logic Input High Voltage VIH 0.8VLL —VLL V For all logic inputs except clock inputs Logic Input Low Voltage VIL 0— 0.2VLL V Input Logic High Current IIH —— 1 µA Input Logic Low Current IIL -1 — — µA Output Logic Low Voltage VOL 0— 0.7 V IOUT = 0 to -10 mA Output Logic High Voltage VOH VLL - 0.7 — VLL VIOUT = 0 to 10 mA Input Logic Capacitance CIN —— 5.0 pF Note 2 AC ELECTRICAL CHARACTERISTICS (CONTINUED) Electrical Specifications: unless otherwise specified, VLL = 3.3V, AVDD = DVDD = PVDD = VRP = 5.0V, PVSS = VRN = -5.0V, VPP = +70V, VNN = -70V, TA = +25°C. Parameter Sym. Min. Typ. Max. Units Conditions Note 1: Specification is obtained by characterization and is not 100% tested. 2: Specification is for design guidance only. |