| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320LC2402APGS bảng dữ liệu(PDF) 112 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320LC2402APGS bảng dữ liệu(HTML) 112 Page - Texas Instruments |
|
112 / 134 page ![]() TMS320LF2407A, TMS320LF2406A, TMS320LF2403A, TMS320LF2402A TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A DSP CONTROLLERS SPRS145L − JULY 2000 − REVISED SEPTEMBER 2007 112 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 migrating from LF240x devices to LC240xA devices When migrating from an “unsecured” Flash device (LF240x) to a “secured” ROM device (LC240xA), two migration paths have to be taken into consideration: D Migrating from a 240x device to a 240xA device (see the Migrating From 240x Devices to 240xA Devices section) D Migrating from a Flash (LF) device to a ROM (LC) device (see the Migrating From LF240xA (Flash) Devices to LC240xA (ROM) Devices section) |