công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5441APGF bảng dữ liệu(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320VC5441APGF
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF bảng dữ liệu(HTML) 72 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 68Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 69Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 70Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 71Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 72Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 73Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 74Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 75Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
Electrical Specifications
72
December 1999 − Revised October 2008
SPRS122F
5.8
General-Purpose Input/Output (GPIO) Timing
Table 5−7 and Table 5−8 assume testing over recommended operating conditions (see Figure 5−9).
Table 5−7. GPIO Timing Requirements
MIN
MAX
UNIT
tsu(GPIO-COH)
Setup time, x_GPIOn input valid before CLKOUT high, x_GPIOn configured as
general-purpose input.
8
ns
th(GPIO-COH)
Hold time, x_GPIOn input valid after CLKOUT high, x_GPIOn configured as
general-purpose input.
0
ns
Table 5−8. GPIO Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(COH-GPIO)
Delay time, CLKOUT high to x_GPIOn output change. x_GPIOn configured as
general-purpose output.
0
6
ns
x_GPIOn Input Mode
CLKOUT
th(GPIO-COH)
x_GPIOn Output Mode
tsu(GPIO-COH)
td(COH-GPIO)
Figure 5−9. GPIO Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91