| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM26LS31I bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS31I bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 28 page ![]() VCC = 5 V VI − Data Input Voltage − V VCC = 4.75 V No Load TA = 25 C ° VCC = 5.25 V 4 3 2 1 0 0 1 2 3 5 TA = 25 C ° No Load TA = 0 C ° TA = 70 C ° VI − Data Input Voltage − V 4 3 2 1 0 0 1 2 3 5 TA − Free-Air Temperature − C ° VCC = 5 V IOL = 40 mA See Note B 0.4 0.3 0.2 0.1 0 25 50 75 0.5 0 IOL − Low-Level Output Current − mA VCC = 5.25 V VCC = 4.75 V TA = 25 C ° See Note B 0.4 0.3 0.2 0.1 0 40 80 120 0.5 0 100 60 20 0.6 0.7 0.8 0.9 1 7 AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M www.ti.com SLLS114K – JANUARY 1979 – REVISED JULY 2016 Product Folder Links: AM26LS31 AM26LS31M Submit Documentation Feedback Copyright © 1979–2016, Texas Instruments Incorporated Typical Characteristics (continued) B. The A input is connected to ground during testing of the Y outputs and to VCC during testing of the Z outputs. Figure 7. Low-Level Output Voltage vs Free-Air Temperature B. The A input is connected to ground during testing of the Y outputs and to VCC during testing of the Z outputs. Figure 8. Low-Level Output Voltage vs Low-Level Output Current Figure 9. Y Output Voltage vs Data Input Voltage Figure 10. Y Output Voltage vs Data Input Voltage |