công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F800ASB bảng dữ liệu(PDF) 33 Page - Texas Instruments

tên linh kiện TMS28F800ASB
Giải thích chi tiết về linh kiện  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F800ASB bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button TMS28F800ASB Datasheet HTML 29Page - Texas Instruments TMS28F800ASB Datasheet HTML 30Page - Texas Instruments TMS28F800ASB Datasheet HTML 31Page - Texas Instruments TMS28F800ASB Datasheet HTML 32Page - Texas Instruments TMS28F800ASB Datasheet HTML 33Page - Texas Instruments TMS28F800ASB Datasheet HTML 34Page - Texas Instruments TMS28F800ASB Datasheet HTML 35Page - Texas Instruments TMS28F800ASB Datasheet HTML 36Page - Texas Instruments TMS28F800ASB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED FEBRUARY 1998
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
timing requirements for TMS28F008ASy or ’AEy and TMS28F800ASy or ’AEy (commercial and
extended temperature ranges)
write/erase operations — CE-controlled writes
ALT.
SYMBOL
’28F008ASy 70
’28F800ASy 70
’28F008AEy 70
’28F800AEy 70
’28F008ASy80
’28F800ASy80
’28F008AEy80
’28F800AEy80
UNIT
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tc( E )
Cycle time, write
tAVAV
100
70
120
80
ns
tc(E)OP
Cycle time, duration of
programming operation
tEHQV1
6
6
6
6
µs
tc(E)ERB
Cycle time, erase
operation (boot block)
tEHQV2
0.3
0.3
0.3
0.3
s
tc(E)ERP
Cycle time, erase
operation (parameter
block)
tEHQV3
0.3
0.3
0.3
0.3
s
tc(E)ERM
Cycle time, erase
operation (main block)
tEHQV4
0.6
0.6
0.6
0.6
s
td(RPR)
Delay time, boot-block
relock
tPHBR
200
100
200
100
ns
th(A)
Hold time, A0 − A18
(see Note 14)
tEHAX
0
0
0
0
ns
th(D)
Hold time, DQ valid
tEHDX
0
0
0
0
ns
th( W )
Hold time, WE
tEHWH
0
0
0
0
ns
th (VPP)
Hold time, VPP from valid
status-register bit
tQVVL
0
0
0
0
ns
th(RP)
Hold time, RP at VHH from
valid status-register bit
tQVPH
0
0
0
0
ns
th(WP)
Hold time, WP from valid
status-register bit
tWHPL
0
0
0
0
ns
tsu(WP)
Setup time, WP before
write operation
tELPH
90
50
100
50
ns
tsu(A)
Setup time, A0 − A18
(see Note 14)
tAVEH
90
50
100
50
ns
tsu(D)
Setup time, DQ
tDVEH
90
50
100
50
ns
tsu( W )
Setup time, WE before
write operation
tWLEL
0
0
0
0
ns
tsu(RP)
Setup time, RP at VHH to
CE going high
tPHHEH
200
100
100
100
ns
tsu( VPP)2
Setup time, VPP to CE
going high
tVPEH
200
100
100
100
ns
tw(E)
Pulse duration, CE low
tELEH
90
50
100
50
ns
tw( EH)
Pulse duration, CE high
tEHEL
20
10
30
30
ns
trec(RPHE)
Recovery time, RP high to
CE going low
tPHEL
1.5
450
1.5
450
µs
NOTE 14: For 28F800 (8-bit configuration) A−1, A−1 −A18 with A−1 as LSB address. For 28F008 (16-bit configuration): A0−A19 with A0 as LSB
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com