công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM814x bảng dữ liệu(PDF) 223 Page - Texas Instruments

tên linh kiện TMS320DM814x
Giải thích chi tiết về linh kiện  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x bảng dữ liệu(HTML) 223 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 219Page - Texas Instruments TMS320DM814x Datasheet HTML 220Page - Texas Instruments TMS320DM814x Datasheet HTML 221Page - Texas Instruments TMS320DM814x Datasheet HTML 222Page - Texas Instruments TMS320DM814x Datasheet HTML 223Page - Texas Instruments TMS320DM814x Datasheet HTML 224Page - Texas Instruments TMS320DM814x Datasheet HTML 225Page - Texas Instruments TMS320DM814x Datasheet HTML 226Page - Texas Instruments TMS320DM814x Datasheet HTML 227Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.3
Controller Area Network Interface (DCAN)
The device provides two DCAN interfaces for supporting distributed realtime control with a high level of
security. The DCAN interfaces implement the following features:
•
Supports CAN protocol version 2.0 part A, B
•
Bit rates up to 1 MBit/s
•
64 message objects
•
Individual identifier mask for each message object
•
Programmable FIFO mode for message objects
•
Programmable loop-back modes for self-test operation
•
Suspend mode for debug support
•
Software module reset
•
Automatic bus on after Bus-Off state by a programmable 32-bit timer
•
Message RAM parity check mechanism
•
Direct access to Message RAM during test mode
•
CAN Rx/Tx pins are configurable as general-purpose IO pins
•
Two interrupt lines (plus additional parity-error interrupts line)
•
RAM initialization
•
DMA support
For more detailed information on the DCAN peripheral, see the DCAN Controller Area Network chapter of
the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number:
SPRUGZ8).
8.3.1
DCAN Peripheral Register Descriptions
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
223
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com