| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM8148 bảng dữ liệu(PDF) 73 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM8148 bảng dữ liệu(HTML) 73 Page - Texas Instruments |
|
73 / 376 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 Table 3-10. GP0 Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. MCA[3], TIMER4 MCA[3]_AXR[0]/ IPD PINCNTL47 TIM4_IO/ G1 I/O DVDD DSIS: PIN GP0[18] MM: MUX1 General-Purpose Input/Output (I/O) 0 [GP0] pin 18 VIN[0]A, VIN[0]A_DE/ CAMERA_I/F IPU CAM_D[7]/ AB17 I/O PINCNTL164 DVDD_C GP0[18] DSIS: PIN MM: MUX0 MCA[3] MCA[3]_AFSX/ IPD PINCNTL46 H4 I/O GP0[17] DVDD DSIS: PIN MM: MUX1 VIN[0]A, General-Purpose Input/Output (I/O) 0 [GP0] pin 17 VIN[0]A_D[23]/ CAMERA_I/F, CAM_D[15]/ EMAC[1]_RM, IPD EMAC[1]_RMTXEN/ AC16 I/O SPI[3] DVDD_C SPI[3]_D[0]/ PINCNTL163 GP0[17] DSIS: PIN MM: MUX0 MCA[3] MCA[3]_ACLKX/ IPD PINCNTL45 G6 I/O GP0[16] DVDD DSIS: PIN MM: MUX1 VIN[0]A, General-Purpose Input/Output (I/O) 0 [GP0] pin 16 VIN[0]A_D[22]/ CAMERA_I/F, CAM_D[14]/ EMAC[1]_RM, IPD EMAC[1]_RMTXD[1]/ AC21 I/O SPI[3] DVDD_C SPI[3]_D[1]/ PINCNTL162 GP0[16] DSIS: PIN MM: MUX0 MCA[2], MCA[1], MCA[2]_AXR[3]/ TIMER3 MCA[1]_AXR[7]/ IPD H2 I/O PINCNTL44 TIM3_IO/ DVDD DSIS: PIN GP0[15] MM: MUX1 VIN[0]A, General-Purpose Input/Output (I/O) 0 [GP0] pin 15 VIN[0]A_D[21]/ CAMERA_I/F, CAM_D[13]/ EMAC[1]_RM, IPD EMAC[1]_RMTXD[0]/ AE18 I/O SPI[3] DVDD_C SPI[3]_SCLK/ PINCNTL161 GP0[15] DSIS: PIN MM: MUX0 MCA[2], MCA[1], MCA[2]_AXR[2]/ TIMER2 MCA[1]_AXR[6]/ IPD V5 I/O PINCNTL43 TIM2_IO/ DVDD DSIS: PIN GP0[14] MM: MUX1 VIN[0]A, General-Purpose Input/Output (I/O) 0 [GP0] pin 14 VIN[0]A_D[20]/ CAMERA_I/F, CAM_D[12]/ EMAC[1]_RM, IPD EMAC[1]_RMCRSDV/ AC17 I/O SPI[3] DVDD_C SPI[3]_SCS[0]/ PINCNTL160 GP0[14] DSIS: PIN MM: MUX0 Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 73 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |