| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM335 bảng dữ liệu(PDF) 34 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM335 bảng dữ liệu(HTML) 34 Page - Texas Instruments |
|
34 / 160 page ![]() TMS320DM335 SPRS528C – JULY 2008 – REVISED JUNE 2010 www.ti.com 2.16 Real Time Output (RTO) Interface The DM335 provides Real Time Output (RTO) interface. Table 2-19. RTO Terminal Functions TERMINAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. COUT5- G2 / Digital Video Out: VENC settings determine function GIO: GIO[079] GIO079 / C1 I/O/Z VDD_VOUT PWM2A PWM2A / RTO0 RTO0 COUT4- B7 / Digital Video Out: VENC settings determine function GIO: GIO[078] GIO078 / D3 I/O/Z VDD_VOUT PWM2B PWM2B / RTO1 RTO1 COUT3- B6 / Digital Video Out: VENC settings determine function GIO: GIO[077] GIO077 / E3 I/O/Z VDD_VOUT PWM2C PWM2C / RTO2 RTO2 COUT2- B5 / Digital Video Out: VENC settings determine function GIO: GIO[076] GIO076 / E4 I/O/Z VDD_VOUT PWM2D PWM2D / RTO3 RTO3 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal. (2) Specifies the operating I/O supply voltage for each signal. See Section 5.3 , Power Supplies for more detail. (3) PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k Ω resistor should be used.) 2.17 Pulse Width Modulator (PWM) Interface The DM335 provides Pulse Width Modulator (PWM) interface. Table 2-20. PWM Terminal Functions TERMINAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. COUT7- G4 / Digital Video Out: VENC settings determine function GIO: GIO[081] C2 I/O/Z VDD_VOUT GIO081 / PWM0 PWM0 COUT6- G3 / Digital Video Out: VENC settings determine function GIO: GIO[080] D2 I/O/Z VDD_VOUT GIO080 / PWM1 PWM1 COUT5- G2 / Digital Video Out: VENC settings determine function GIO: GIO[079] GIO079 / C1 I/O/Z VDD_VOUT PWM2A PWM2A / RTO0 RTO0 COUT4- B7 / Digital Video Out: VENC settings determine function GIO: GIO[078] GIO078 / D3 I/O/Z VDD_VOUT PWM2B PWM2B / RTO1 RTO1 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal. (2) Specifies the operating I/O supply voltage for each signal. See Section 5.3 , Power Supplies for more detail. (3) PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k Ω resistor should be used.) 34 Device Overview Copyright © 2008–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM335 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |