| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UCD3138RHAR bảng dữ liệu(PDF) 37 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138RHAR bảng dữ liệu(HTML) 37 Page - Texas Instruments |
|
37 / 78 page ![]() Start of Period Period Counter Start of Period Filter Period Adaptive Sample Trigger A Sample Trigger 1 DPWM Output A Filter Duty – Average Dead Time Event 1 Event 3 - Event 2 Period Register – Event 4 DPWM Output B Blanking A Begin Blanking A End Blanking B Begin Blanking B End Phase Trigger Sample Trigger 2 To Other Modules To Other Modules Resonant Symmetrical Closed Loop Events which change with DPWM mode: Dead Time 1 = Event 3 – Event 2 Dead Time 2 = Event 1 + Period Register – Event 4) Average Dead Time = (Dead Time 1 + Dead Time 2)/2 DPWM A Rising Edge = Event 1 DPWM A Falling Edge = Event 1 + Filter Duty – Average Dead Time Adaptive Sample Trigger A = Event 1 + Filter Duty + Adaptive Sample Register Adaptive Sample Trigger B = Event 1 + Filter Duty/2 + Adaptive Sample Register DPWM B Rising Edge = Event 1 + Filter Duty – Average Dead Time + (Event 3 – Event 2) DPWM B Falling Edge = Filter Period – (Period Register – Event 4) Phase Trigger = Phase Trigger Register value or Filter Duty Events always set by their registers, regardless of mode: Sample Trigger 1, Sample Trigger 2, Blanking A Begin, Blanking A End, Blanking B Begin, Blanking B End Filter controlled edge Adaptive Sample Trigger B UCD3138 www.ti.com SLUSAP2F – MARCH 2012 – REVISED NOVEMBER 2013 The Filter has two outputs, Filter Duty and Filter Period. In this case, the Filter is configured so that the Filter Period is twice the Filter Duty. So if there were no dead times, each DPWM pin would be on for half of the period. For dead time handling, the average of the two dead times is subtracted from the Filter Duty for both DPWM pins. Therefore, both pins will have the same on-time, and the dead times will be fixed regardless of the period. The only edge which is fixed relative to the start of the period is the rising edge of DPWM A. This is the only edge for which the blanking signals can be used easily. Copyright © 2012–2013, Texas Instruments Incorporated Functional Overview 37 Submit Documentation Feedback Product Folder Links: UCD3138 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |