| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F415IPM bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F415IPM bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 55 page ![]() MSP430x41x MIXED SIGNAL MICROCONTROLLER SLAS340G − MAY 2001 − REVISED JUNE 2004 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timer1_A5 (MSP430x415 and MSP430x417 only) Timer1_A5 is a 16-bit timer/counter with five capture/compare registers. Timer1_A5 can support multiple capture/compares, PWM outputs, and interval timing. Timer1_A5 also has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare registers. Timer1_A5 Signal Connections Input Pin Number Device Input Signal Module Input Name Module Block Module Output Signal Output Pin Number 32 - P2.5 TA1CLK TACLK ACLK ACLK Timer NA SMCLK SMCLK Timer NA 32 - P2.5 TA1CLK INCLK 49 - P1.4 TA1.0 CCI0A 49 - P1.4 50 - P1.3 TA1.0 CCI0B CCR0 TA1.0 DVSS GND CCR0 TA1.0 DVCC VCC 44 - P2.1 TA1.1 CCI1A 44 - P2.1 CAOUT (internal) CCI1B CCR1 TA1.1 DVSS GND CCR1 TA1.1 DVCC VCC 35 - P2.2 TA1.2 CCI2A 35 - P2.2 Not Connected CCI2B CCR2 TA1.2 DVSS GND CCR2 TA1.2 DVCC VCC 34 - P2.3 TA1.3 CCI3A 34 - P2.3 Not Connected CCI3B CCR3 TA1.3 DVSS GND CCR3 TA1.3 DVCC VCC 33 - P2.4 TA1.4 CCI4A 33 - P2.4 Not Connected CCI4B CCR4 TA1.4 DVSS GND CCR4 TA1.4 DVCC VCC |