| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDTC114YM bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC114YM bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 14 page ![]() 2004 Aug 17 2 Philips Semiconductors Product specification NPN resistor-equipped transistors; R1 = 10 k Ω, R2 = 47 kΩ PDTC114Y series FEATURES • Built-in bias resistors • Simplified circuit design • Reduction of component count • Reduced pick and place costs. APPLICATIONS • General purpose switching and amplification • Inverter and interface circuits • Circuit driver. QUICK REFERENCE DATA DESCRIPTION NPN resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details). SYMBOL PARAMETER TYP. MAX. UNIT VCEO collector-emitter voltage − 50 V IO output current (DC) − 100 mA R1 bias resistor 10 − k Ω R2 bias resistor 47 − k Ω PRODUCT OVERVIEW Note 1. * = p: Made in Hong Kong. * = t: Made in Malaysia. * = W: Made in China. TYPE NUMBER PACKAGE MARKING CODE PNP COMPLEMENT PHILIPS EIAJ PDTC114YE SOT416 SC-75 33 PDTA114YE PDTC114YEF SOT490 SC-89 12 PDTA114YEF PDTC114YK SOT346 SC-59 47 PDTA114YK PDTC114YM SOT883 SC-101 DU PDTA114YM PDTC114YS SOT54 (TO-92) SC-43 TC114Y PDTA114YS PDTC114YT SOT23 − *27(1) PDTA114YT PDTC114YU SOT323 SC-70 *30(1) PDTA114YU |