| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430C412IPM bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430C412IPM bảng dữ liệu(HTML) 11 Page - Texas Instruments |
|
11 / 55 page ![]() MSP430x41x MIXED SIGNAL MICROCONTROLLER SLAS340G − MAY 2001 − REVISED JUNE 2004 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 interrupt vector addresses The interrupt vectors and the power-up starting address are located in the ROM with an address range 0FFFFh − 0FFE0h. The vector contains the 16-bit address of the appropriate interrupt-handler instruction sequence. INTERRUPT SOURCE INTERRUPT FLAG SYSTEM INTERRUPT WORD ADDRESS PRIORITY Power-up External Reset Watchdog Flash memory WDTIFG KEYV (see Note 1) Reset 0FFFEh 15, highest NMI Oscillator Fault Flash memory access violation NMIIFG (see Notes 1 and 3) OFIFG (see Notes 1 and 3) ACCVIFG (see Notes 1 and 3) (Non)maskable (Non)maskable (Non)maskable 0FFFCh 14 Timer1_A5 (see Note 4) TA1CCR0 CCIFG (see Note 2) Maskable 0FFFAh 13 Timer1_A5 (see Note 4) TA1CCR1 to TA1CCR4 CCIFGs and TA1CTL TAIFG (see Notes 1 and 2) Maskable 0FFF8h 12 Comparator_A CMPAIFG Maskable 0FFF6h 11 Watchdog Timer WDTIFG Maskable 0FFF4h 10 0FFF2h 9 0FFF0h 8 0FFEEh 7 Timer_A3/Timer0_A3 TACCR0/TA0CCR0 CCIFG (see Note 2) Maskable 0FFECh 6 Timer_A3/Timer0_A3 TACCR1/TA0CCR1 and TACCR2/TA0CCR2 CCIFGs, and TACLT/TA0CTL TAIFG (see Notes 1 and 2) Maskable 0FFEAh 5 I/O port P1 (eight flags) P1IFG.0 to P1IFG.7 (see Notes 1 and 2) Maskable 0FFE8h 4 0FFE6h 3 0FFE4h 2 I/O port P2 (eight flags) P2IFG.0 to P2IFG.7 (see Notes 1 and 2) Maskable 0FFE2h 1 Basic Timer1 BTIFG Maskable 0FFE0h 0, lowest NOTES: 1. Multiple source flags 2. Interrupt flags are located in the module. 3. (Non)maskable: the individual interrupt-enable bit can disable an interrupt event, but the general interrupt-enable cannot. 4. Implemented in MSP430x415 and MSP430x417 devices only. |