công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33991R2 bảng dữ liệu(PDF) 29 Page - Motorola, Inc

tên linh kiện PC33991R2
Giải thích chi tiết về linh kiện  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991R2 bảng dữ liệu(HTML) 29 Page - Motorola, Inc

Back Button PC33991R2 Datasheet HTML 25Page - Motorola, Inc PC33991R2 Datasheet HTML 26Page - Motorola, Inc PC33991R2 Datasheet HTML 27Page - Motorola, Inc PC33991R2 Datasheet HTML 28Page - Motorola, Inc PC33991R2 Datasheet HTML 29Page - Motorola, Inc PC33991R2 Datasheet HTML 30Page - Motorola, Inc PC33991R2 Datasheet HTML 31Page - Motorola, Inc PC33991R2 Datasheet HTML 32Page - Motorola, Inc PC33991R2 Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33991
29
Over Current Fault Requirements:
Output currents are limited to safe levels, then the device will
rely on Thermal Shutdown to protect itself.
Under Voltage Fault Requirements
Severe under voltage VPWR conditions may result in
uncertain pointer positions; therefore, recalibration of the
pointer position may be advisable. During an under voltage
event, the state machine and outputs continues to operate,
although the outputs may be unable to reach the higher voltage
levels. The master is notified of an under voltage event via the
SO pin. Under voltage detection occurs regardless whether the
gauge(s) are enabled, or disabled.
Note:
There is no way to distinguish between over voltage and
under voltage faults from the status bits. If there is no external means
for the microcontroller to determine the fault type, the gauges should
be routinely enabled following the transition to logic [0] of ST6.
Electrical Requirements
All voltages specified are measured relative to the device
ground pins, unless otherwise noted. Current flowing into
33991is positive, while current flowing out of the device is
negative.
Resets (Sleep Mode)
The device can reset internally or externally. If the VDD level
falls below the VDDUV level, specified in the Static Electrical
Characteristics, the device resets and powers up in the Default
mode. Similarly, If the RST pin is driven to a logic [0], the device
will reset to its default state. The device will consume the least
amount of current (Idd and Ipwr) when the RST pin is logic [0].
This is also referred to as the Sleep mode.
APPLICATION INFORMATION
The 33991is an extremely versatile device, used in a variety
of applications. Table 15, and the following sample code,
provides a step-by-step example of configuring using many of
the features designed into the IC. This example is intended to
give a generic overview of how the device could be used.
Further, it is intended to familiarize users with some of its
capabilities. In Steps 1-9, the gauges are enabled, the clock is
calibrated, the device is configured for RTZ, and the pointers
are calibrated with the RTZ command. Steps 1-9 are
representative of the first steps after power-up. Maximum
velocity is set in Step 10, if necessary. In Steps 11 and 12,
pointers are commanded to the desired positions by the master.
These steps are the most frequently used during normal
operation. Steps 13 -15 place the pointer close to the zero
position prior to the initiation of the RTZ commands in Steps 16-
19. Step 20 disables the gauges, placing them into a Low
Quiescent Current mode.
Table 15. GDIC SETUP, CONFIGURATION, & USAGE EXAMPLE
Step
Number
Command
Description
Table/Figure
Number
1
PECR
a. Enable Gauges.
- Bit PE0: Gauge 0.
- Bit PE1: Gauge 1.
Table 3
Figure 7
b. Clock Calibration
- Bit PE3: enables calibration procedure.
- Bit PE4: set clock f =1 MHz maximum or nominal.
Send 8 µs pulse on CS to calibrate 1 MHz clock.
2
RTZCR
Set RTZ Full Step Time
- Bits RC3:RC0.
Tables 9-10
Set RTZ Blanking Time
-Bit RC4.
Tables 9-10
Preload RTZ Accumulator.
- Bits RC12:RC5.
Table 11
Check SO for an Out of Range Clock Calibration.
- Is bit ST7 logic level 1? If so, repeat Steps 1 and 2.
Table 12
3
POS0R
a. Move pointer to position 24 prior to RTZ.
Table 5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com