công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TM16LR64JFN bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện TM16LR64JFN
Giải thích chi tiết về linh kiện  SYNCHRONOUS DYNAMIC RAM MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TM16LR64JFN bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button TM16LR64JFN Datasheet HTML 4Page - Texas Instruments TM16LR64JFN Datasheet HTML 5Page - Texas Instruments TM16LR64JFN Datasheet HTML 6Page - Texas Instruments TM16LR64JFN Datasheet HTML 7Page - Texas Instruments TM16LR64JFN Datasheet HTML 8Page - Texas Instruments TM16LR64JFN Datasheet HTML 9Page - Texas Instruments TM16LR64JFN Datasheet HTML 10Page - Texas Instruments TM16LR64JFN Datasheet HTML 11Page - Texas Instruments TM16LR64JFN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TM8LR64JFN 8 388 608 BY 64BIT
TM16LR64JFN 16 777 216 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS710 − MAY 1998
8
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
ac timing requirements†‡
’xLR64JFN-8
’xLR64JFN-8A
UNIT
MIN
MAX
MIN
MAX
UNIT
tCK2
Cycle time, CK
CAS latency = 2
10
15
ns
tCK3
Cycle time, CK
CAS latency = 3
8
8
ns
tCH
Pulse duration, CK high
3
3
ns
tCL
Pulse duraction, CK low
3
3
ns
tAC2
Access time, CK high to data out (see Note 11)
CAS latency = 2
6
7.5
ns
tAC3
Access time, CK high to data out (see Note 11)
CAS latency = 3
6
6
ns
tOH
Hold time, CK high to data out with 50-pF load
3
3
ns
tLZ
Delay time, CK high to DQ in low-impedance state (see Note 12)
1
1
ns
tHZ
Delay time, CK high to DQ in high-impedance state (see Note 13)
8
8
ns
tIS
Setup time, address, control, and data input
2
2
ns
tIH
Hold time, address, control, and data input
1
1
ns
tIH
Hold time, address, control, and data input
1
1
ns
tCESP Power down/self-refresh exit time
8
8
ns
tRAS
Delay time, ACTV command to DEAC or DCAB command
48
100 000
48
100 000
ns
tRC
Delay time, ACTV, MRS, REFR, or SLFR to ACTV, MRS, REFR, or SLFR
command
68
68
ns
tRCD
Delay time, ACTV command to READ, READ-P, WRT, or WRT-P command
(see Note 14)
20
20
ns
tRP
Delay time, DEAC or DCAB command to ACTV, MRS, REFR, or SLFR
command
20
20
ns
tRRD
Delay time, ACTV command in one bank to ACTV command in the other
bank
16
16
ns
tRSA
Delay time, MRS command to ACTV, MRS, REFR, or SLFR command
16
16
ns
tAPR
Final data out of READ-P operation to ACTV, MRS, SLFR, or REFR
command
tRP −(CL−1) * tCK
tRP − (CL−1) * tCK
ns
tAPW
Final data in of WRT-P operation to ACTV, MRS, SLFR, or REFR command
tRP + 1 tCK
tRP + 1 tCK
ns
tT
Transition time
1
5
1
5
ms
tREF
Refresh interval
64
64
ms
tREF
Refresh interval
64
64
ms
nCCD
Delay time, READ or WRT command to an interrupting command
1
1
cycles
nCCD
Delay time, READ or WRT command to an interrupting command
1
1
cycles
nCDD
Delay time, CS low or high to input enabled or inhibited
0
0
0
0
cycles
nCLE
Delay time, CKE high or low to CLK enabled or disabled
1
1
1
1
cycles
nCWL
Delay time, final data in of WRT operation to READ, READ-P, WRT, or WRT-P
1
1
cycles
nDID
Delay time, ENBL or MASK command to enabled or masked data in
0
0
0
0
cycles
nDOD
Delay time, ENBL or MASK command to enabled or masked data out
2
2
2
2
cycles
nHZP2
Delay time, DEAC or DCAB command to DQ in
high-impedance state
CAS latency = 2
2
2
cycles
† All references are made to the rising transition of CK unless otherwise noted.
‡ Specifications in this table represent a single SDRAM device.
NOTES: 11. tAC is referenced from the rising transition of CK that precedes the data-out cycle. For example, the first data out tAC is referenced
from the rising transition of CK that is read latency (one cycle after the READ command). Access time is measured at output
reference level 1.4 V.
12. tLZ is measured from the rising transition of CK that is read latency (one cycle after the READ command).
13. tHZ (max) defines the time at which the outputs are no longer driven and is not referenced to output voltage levels.
14. For read or write operations with automatic deactivate, tRCD must be set to satisfy minimum tRAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com