công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV5580CPWR bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện TLV5580CPWR
Giải thích chi tiết về linh kiện  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580CPWR bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button TLV5580CPWR Datasheet HTML 14Page - Texas Instruments TLV5580CPWR Datasheet HTML 15Page - Texas Instruments TLV5580CPWR Datasheet HTML 16Page - Texas Instruments TLV5580CPWR Datasheet HTML 17Page - Texas Instruments TLV5580CPWR Datasheet HTML 18Page - Texas Instruments TLV5580CPWR Datasheet HTML 19Page - Texas Instruments TLV5580CPWR Datasheet HTML 20Page - Texas Instruments TLV5580CPWR Datasheet HTML 21Page - Texas Instruments TLV5580CPWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
18
TLV5580 EVALUATION MODULE
TLV5580 EVALUATION MODULE
TI provides an evaluation module (EVM) for TLV5580. The EVM also includes a 10-bit 80 MSPS DAC so that
the user can convert the digitized signal back to the analog domain for functional testing. Performance
measurements can be done by capturing the ADC’s output data.
The EVM provides the following additional features:
D Provision of footprint for the connection of an onboard crystal oscillator, instead of using an external clock input.
D Use of TLV5580 internal or external voltage references. In the case of external references, an onboard circuit
is used that derives adjustable bottom and top reference voltages from a bandgap reference. Two potentiometers
allow for the independent adjustments of both references. The full scale ADC range can be adjusted to the input
signal amplitude.
D All digital output, control signal I/O (output enable, standby, reference power-down) and clock I/O are provided
on a single connector. The EVM can thus be part of a larger (DSP) system for prototyping.
D Onboard prototyping area with analog and digital supply and ground connections.
Figure 15 shows the EVM schematic.
The EVM is factory shipped for use in the following configuration:
D Use of external (onboard) voltage references
D External clock input
ANALOG INPUT
A signal in the range between V(REFBI) and V(REFTI) should be applied to avoid overflow/underflow on connector
J10. This signal is onboard terminated with 50
Ω. There is no onboard biasing of the signal. When using external
(onboard) references, these levels can be adjusted with R7 (V(REFTI)) and R6 (V(REFBI)). Adjusting R7 causes
both references to shift. R6 only impacts the bottom reference. The range of these signals for which the device
is specified depends on AVDD and is shown under the Recommended Operating Conditions.
Internally generated reference levels are also dependent on AVDD as shown in the electrical characteristics
section.
CLOCK INPUT
A clock signal should be applied with amplitudes ranging from 0 to AVDD with a frequency equal to the desired
sampling frequency on connector J9. This signal is onboard terminated with 50
Ω. Both ADC and DAC run off
the same clock signal. Alternatively the clock can be applied from terminal 1 on connector J11. A third option
is using a crystal oscillator. The EVM board provides the footprint for a crystal oscillator that can be populated
by the end-user, depending on the desired frequency. The footprint is compatible with the Epson EG-8002DC
series of programmable high-frequency crystal oscillators. Refer to the TLV5580 EVM Settings for selecting
between the different clock modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com