công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P89LPC902FD bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện P89LPC902FD
Giải thích chi tiết về linh kiện  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC902FD bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button P89LPC902FD Datasheet HTML 2Page - NXP Semiconductors P89LPC902FD Datasheet HTML 3Page - NXP Semiconductors P89LPC902FD Datasheet HTML 4Page - NXP Semiconductors P89LPC902FD Datasheet HTML 5Page - NXP Semiconductors P89LPC902FD Datasheet HTML 6Page - NXP Semiconductors P89LPC902FD Datasheet HTML 7Page - NXP Semiconductors P89LPC902FD Datasheet HTML 8Page - NXP Semiconductors P89LPC902FD Datasheet HTML 9Page - NXP Semiconductors P89LPC902FD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
6 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Fig 3.
P89LPC903 block diagram.
HIGH PERFORMANCE
ACCELERATED 2-CLOCK 80C51 CPU
1 kB
CODE FLASH
128-BYTE
DATA RAM
PORT 0
CONFIGURABLE I/Os
KEYPAD
INTERRUPT
PROGRAMMABLE
OSCILLATOR DIVIDER
CPU
CLOCK
ON-CHIP
RC
OSCILLATOR
INTERNAL
BUS
POWER MONITOR
(POWER-ON RESET,
BROWNOUT RESET)
002aaa446
REAL-TIME CLOCK/
SYSTEM TIMER
TIMER 0
TIMER 1
UART
ANALOG
COMPARATORS
PORT 1
INPUT
WATCHDOG TIMER
AND OSCILLATOR
P89LPC903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55