công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV2548CPWR bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV2548CPWR
Giải thích chi tiết về linh kiện  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548CPWR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TLV2548CPWR Datasheet HTML 7Page - Texas Instruments TLV2548CPWR Datasheet HTML 8Page - Texas Instruments TLV2548CPWR Datasheet HTML 9Page - Texas Instruments TLV2548CPWR Datasheet HTML 10Page - Texas Instruments TLV2548CPWR Datasheet HTML 11Page - Texas Instruments TLV2548CPWR Datasheet HTML 12Page - Texas Instruments TLV2548CPWR Datasheet HTML 13Page - Texas Instruments TLV2548CPWR Datasheet HTML 14Page - Texas Instruments TLV2548CPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing diagrams
The timing diagrams can be categorized into two major groups: nonconversion and conversion. The
nonconversion cycles are read and write (configuration). None of these cycles carry a conversion. Conversion
cycles are those four modes of conversion.
read cycle (read FIFO or read CFR)
read CFR cycle:
The read command is decoded in the first 4 clocks. SDO outputs the contents of the CFR after the 4th SCLK.
This command works only when the device is programmed in the single shot mode (mode 00).
SCLK
CS
FS
SDI
INT
EOC
SDO
ID14
ID13
ID12
ID15
OD11 OD10
OD9
OD4
OD3
OD2
OD1
OD0
12
3
4
5
6
713
14
15
16
1
12
ID15
Figure 2. TLV2544/TLV2548 Read CFR Cycle (FS active)
SCLK
CS
FS
SDI
INT
EOC
SDO
ID15
ID14
ID13
ID12
ID14
OD4
OD3
OD2
OD1
OD0
12
3
4
5
6
713
14
15
16
1
12
OD11 OD10
OD9
ID15
Figure 3. TLV2544/TLV2548 Read CFR Cycle (FS = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49